Part Number Hot Search : 
KTA1042D 1N4735 IQ24240 TA7288P HD6303YF STUB018 STUB018 STUB018
Product Description
Full Text Search
 

To Download AT45DB011B06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* * * * * * * * * * * * * *
Single 2.7V - 3.6V Supply Serial Peripheral Interface (SPI) Compatible 20 MHz Max Clock Frequency Page Program Operation - Single Cycle Reprogram (Erase and Program) - 512 Pages (264 Bytes/Page) Main Memory Supports Page and Block Erase Operations One 264-byte SRAM Data Buffer Continuous Read Capability through Entire Array - Ideal for Code Shadowing Applications Fast Page Program Time - 7 ms Typical 120 s Typical Page to Buffer Transfer Time Low Power Dissipation - 4 mA Active Read Current Typical - 2 A CMOS Standby Current Typical Hardware Data Protection Feature 100% Compatible with AT45DB011 Commercial and Industrial Temperature Ranges Green (Pb/Halide-free/RoHS Compliant) Packaging Options
1-megabit 2.7-volt Only DataFlash(R) AT45DB011B
Description
The AT45DB011B is a 2.7-volt only, serial interface Flash memory ideally suited for a wide variety of digital voice-, image-, program code- and data-storage applications. Its 1,081,344 bits of memory are organized as 512 pages of 264 bytes each. In addition to the main memory, the AT45DB011B also contains one SRAM data buffer of 264 bytes. The buffer allows receiving of data while a page in the main memory is being reprogrammed. EEPROM emulation (bit or byte alterability) is easily handled with a self-contained three step Read-Modify-Write operation. Unlike conventional Flash memories that are accessed randomly with multiple address lines and a parallel interface, the DataFlash uses a SPI serial interface to sequentially access its data. SPI mode 0 and mode 3 are supported. The simple serial interface facilitates hardware
Pin Configurations
Pin Name CS SCK SI SO WP RESET RDY/BUSY Function Chip Select Serial Clock Serial Input
C A
CBGA Top View through Package
1 2 3
SCK
GND
VCC
B
CS RDY/BSY WP SO SI RESET
Serial Output Hardware Page Write Protect Pin Chip Reset Ready/Busy SOIC
SI SCK RESET CS 1 2 3 4 8 7 6 5 SO GND VCC WP
TSSOP Top View Type 1
RDY/BUSY RESET WP VCC GND SCK SO 1 2 3 4 5 6 7 14 13 12 11 10 9 8 CS NC NC NC NC NC SI
AT45DB011B Preliminary 16Megabit 2.7-volt Only Serial DataFlash
1984J-DFLASH-06/06
1
layout, increases system reliability, minimizes switching noise, and reduces package size and active pin count. The device is optimized for use in many commercial and industrial applications where high density, low pin count, low voltage, and low power are essential. The device operates at clock frequencies up to 20 MHz with a typical active read current consumption of 4 mA. To allow for simple in-system reprogrammability, the AT45DB011B does not require high input voltages for programming. The device operates from a single power supply, 2.7V to 3.6V, for both the program and read operations. The AT45DB011B is enabled through the chip select pin (CS) and accessed via a three-wire interface consisting of the Serial Input (SI), Serial Output (SO), and the Serial Clock (SCK). All programming cycles are self-timed, and no separate erase cycle is required before programming. When the device is shipped from Atmel, the most significant page of the memory array may not be erased. In other words, the contents of the last page may not be filled with FFH.
Block Diagram
WP FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER (264 BYTES)
SCK CS RESET VCC GND RDY/BUSY
I/O INTERFACE
SI
SO
Memory Array
To provide optimal flexibility, the memory array of the AT45DB011B is divided into three levels of granularity comprising of sectors, blocks, and pages. The Memory Architecture Diagram illustrates the breakdown of each level and details the number of pages per sector and block. All program operations to the DataFlash occur on a page by page basis; however, the optional erase operations can be performed at the block or page level.
2
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Memory Architecture Diagram
SECTOR ARCHITECTURE
SECTOR 0 = 2112 BYTES (2K + 64) SECTOR 0
BLOCK ARCHITECTURE
BLOCK 0 BLOCK 1 BLOCK 2 BLOCK 3 SECTOR 1 BLOCK 0 8 Pages
PAGE ARCHITECTURE
PAGE 0 PAGE 1
PAGE 6 PAGE 7 PAGE 8 BLOCK 29 BLOCK 30 BLOCK 31 BLOCK 32 BLOCK 33 BLOCK 34 BLOCK 1 PAGE 9
SECTOR 1 = 65,472 BYTES (62K + 1984)
PAGE 14 PAGE 15 PAGE 16
SECTOR 2
PAGE 17 PAGE 18
SECTOR 2 = 67,584 BYTES (64K + 2K)
BLOCK 61 BLOCK 62 BLOCK 63 Block = 2112 bytes (2K + 64)
PAGE 509 PAGE 510 PAGE 511 Page = 264 bytes (256 + 8)
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their associated opcodes are contained in Tables 1 through 4 (pages 11 and 12). A valid instruction starts with the falling edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main memory address location. While the CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or main memory address location through the SI (serial input) pin. All instructions, addresses, and data are transferred with the most significant bit (MSB) first. Buffer addressing is referenced in the datasheet using the terminology BFA8-BFA0 to denote the nine address bits required to designate a byte address within a buffer. Main memory addressing is referenced using the terminology PA8 - PA0 and BA8 - BA0 where PA8 - PA0 denotes the 10 address bits required to designate a page address and BA8-BA0 denotes the nine address bits required to designate a byte address within the page.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the data buffer. The DataFlash supports two categories of read modes in relation to the SCK signal. The differences between the modes are in respect to the inactive state of the SCK signal as well as which clock cycle data will begin to be output. The two categories, which are comprised of four modes total, are defined as Inactive Clock Polarity Low or Inactive Clock Polarity High and SPI Mode 0 or SPI Mode 3. A separate opcode (refer to Table 1 on page 11 for a complete list) is used to select which category will be used for reading. Please refer to the "Detailed Bit-level Read Timing" diagrams in this datasheet for details on the clock cycle sequences for each mode.
3
1984J-DFLASH-06/06
CONTINUOUS ARRAY READ: By supplying an initial starting address for the main memory array, the Continuous Array Read command can be utilized to sequentially read a continuous stream of data from the device by simply providing a clock signal; no additional addressing information or control signals need to be provided. The DataFlash incorporates an internal address counter that will automatically increment on every clock cycle, allowing one continuous read operation without the need of additional address sequences. To perform a continuous read, an opcode of 68H or E8H must be clocked into the device followed by 24 address bits and 32 don't care bits. The first six bits of the 24-bit address sequence are reserved for upward and downward compatibility to larger and smaller density devices (see Notes under "Command Sequence for Read/Write Operations" diagram). The next nine address bits (PA8-PA0) specify which page of the main memory array to read, and the last nine bits (BA8-BA0) of the 24-bit address sequence specify the starting byte address within the page. The 32 don't care bits that follow the 24 address bits are needed to initialize the read operation. Following the 32 don't care bits, additional clock pulses on the SCK pin will result in serial data being output on the SO (serial output) pin. The CS pin must remain low during the loading of the opcode, the address bits, the don't care bits, and the reading of data. When the end of a page in main memory is reached during a Continuous Array Read, the device will continue reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read, the device will continue reading back at the beginning of the first page of memory. As with crossing over page boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array. A low-to-high transition on the CS pin will terminate the read operation and tri-state the SO pin. The maximum SCK frequency allowable for the Continuous Array Read is defined by the fCAR specification. The Continuous Array Read bypasses both data buffers and leaves the contents of the buffers unchanged. MAIN MEMORY PAGE READ: A main memory read allows the user to read data directly from any one of the 512 pages in the main memory, bypassing the data buffer and leaving the contents of the buffer unchanged. To start a page read, the 8-bit opcode, 52H or D2H, must be clocked into the device followed by 24 address bits and 32 don't care bits. In the AT45DB011B, the first six address bits are reserved for larger density devices (see Notes on page 15), the next nine address bits (PA8-PA0) specify the page address, and the next nine address bits (BA8-BA0) specify the starting byte address within the page. The 32 don't care bits which follow the 24 address bits are sent to initialize the read operation. Following the 32 don't care bits, additional pulses on SCK result in serial data being output on the SO (serial output) pin. The CS pin must remain low during the loading of the opcode, the address bits, and the reading of data. When the end of a page in main memory is reached during a main memory page read, the device will continue reading at the beginning of the same page. A lowto-high transition on the CS pin will terminate the read operation and tri-state the SO pin. BUFFER READ: Data can be read from the data buffer using an opcode of 54H or D4H. To perform a buffer read, the eight bits of the opcode must be followed by 15 don't care bits, nine address bits, and eight don't care bits. Since the buffer size is 264 bytes, nine address bits (BFA8- BFA0) are required to specify the first byte of data to be read from the buffer. The CS pin must remain low during the loading of the opcode, the address bits, the don't care bits, and the reading of data. When the end of the buffer is reached, the device will continue reading back at the beginning of the buffer. A low-to-high transition on the CS pin will terminate the read operation and tri-state the SO pin.
4
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
STATUS REGISTER READ: The status register can be used to determine the device's ready/busy status, the result of a Main Memory Page to Buffer Compare operation, or the device density. To read the status register, an opcode of 57H or D7H must be loaded into the device. After the last bit of the opcode is shifted in, the eight bits of the status register, starting with the MSB (bit 7), will be shifted out on the SO pin during the next eight clock cycles. The five most significant bits of the status register will contain device information, while the remaining three least significant bits are reserved for future use and will have undefined values. After bit 0 of the status register has been shifted out, the sequence will repeat itself (as long as CS remains low and SCK is being toggled) starting again with bit 7. The data in the status register is constantly updated, so each repeating sequence will output new data.
Status Register Format
Bit 7 RDY/BUSY Bit 6 COMP Bit 5 0 Bit 4 0 Bit 3 1 Bit 2 1 Bit 1 X Bit 0 X
Ready/Busy status is indicated using bit 7 of the status register. If bit 7 is a 1, then the device is not busy and is ready to accept the next command. If bit 7 is a 0, then the device is in a busy state. The user can continuously poll bit 7 of the status register by stopping SCK at a low level once bit 7 has been output. The status of bit 7 will continue to be output on the SO pin, and once the device is no longer busy, the state of SO will change from 0 to 1. There are eight operations which can cause the device to be in a busy state: Main Memory Page to Buffer Transfer, Main Memory Page to Buffer Compare, Buffer to Main Memory Page Program with Built-in Erase, Buffer to Main Memory Page Program without Built-in Erase, Page Erase, Block Erase, Main Memory Page Program, and Auto Page Rewrite. The result of the most recent Main Memory Page to Buffer Compare operation is indicated using bit 6 of the status register. If bit 6 is a 0, then the data in the main memory page matches the data in the buffer. If bit 6 is a 1, then at least one bit of the data in the main memory page does not match the data in the buffer. The device density is indicated using bits 5, 4, 3 and 2 of the status register. For the AT45DB011B, the four bits are 0, 0, 1 and 1. The decimal value of these four binary bits does not equate to the device density; the three bits represent a combinational code relating to differing densities of Serial DataFlash devices, allowing a total of sixteen different density configurations.
Program and Erase Commands
BUFFER WRITE: Data can be shifted in from the SI pin into the data buffer. To load data into the buffer, an 8-bit opcode of 84H is followed by 15 don't care bits and nine address bits (BFA8-BFA0). The nine address bits specify the first byte in the buffer to be written. The data is entered following the address bits. If the end of the data buffer is reached, the device will wrap around back to the beginning of the buffer. Data will continue to be loaded into the buffer until a low-to-high transition is detected on the CS pin. BUFFER TO MAIN MEMORY PAGE PROGRAM WITH BUILT-IN ERASE: Data written into the buffer can be programmed into the main memory. An 8-bit opcode of 83H is followed by the six reserved bits, nine address bits (PA8-PA0) that specify the page in the main memory to be written, and nine additional don't care bits. When a low-to-high transition occurs on the CS pin, the part will first erase the selected page in main memory to all 1s and then program the data stored in the buffer into the specified page in the main memory. Both the erase and the programming of the page are internally self-timed and should take place in a maximum time of tEP. During this time, the status register will indicate that the part is busy.
5
1984J-DFLASH-06/06
BUFFER TO MAIN MEMORY PAGE PROGRAM WITHOUT BUILT-IN ERASE: A previously erased page within main memory can be programmed with the contents of the buffer. An 8-bit opcode of 88H is followed by the six reserved bits, nine address bits (PA8-PA0) that specify the page in the main memory to be written, and nine additional don't care bits. When a low-tohigh transition occurs on the CS pin, the part will program the data stored in the buffer into the specified page in the main memory. It is necessary that the page in main memory that is being programmed has been previously erased. The programming of the page is internally selftimed and should take place in a maximum time of tP. During this time, the status register will indicate that the part is busy. Successive page programming operations without doing a page erase are not recommended. In other words, changing bytes within a page from a "1" to a "0" during multiple page programming operations without erasing that page is not recommended. PAGE ERASE: The optional Page Erase command can be used to individually erase any page in the main memory array allowing the Buffer to Main Memory Page Program without Built-in Erase command to be utilized at a later time. To perform a Page Erase, an opcode of 81H must be loaded into the device, followed by six reserved bits, nine address bits (PA8 PA0), and nine don't care bits. The nine address bits are used to specify which page of the memory array is to be erased. When a low-to-high transition occurs on the CS pin, the part will erase the selected page to 1s. The erase operation is internally self-timed and should take place in a maximum time of tPE. During this time, the status register will indicate that the part is busy. BLOCK ERASE: A block of eight pages can be erased at one time allowing the Buffer to Main Memory Page Program without Built-in Erase command to be utilized to reduce programming times when writing large amounts of data to the device. To perform a Block Erase, an opcode of 50H must be loaded into the device, followed by six reserved bits, six address bits (PA8PA3), and 12 don't care bits. The six address bits are used to specify which block of eight pages is to be erased. When a low-to-high transition occurs on the CS pin, the part will erase the selected block of eight pages to 1s. The erase operation is internally self-timed and should take place in a maximum time of tBE. During this time, the status register will indicate that the part is busy.
Block Erase Addressing
PA8 0 0 0 0 * * * 1 1 1 1 PA7 0 0 0 0 * * * 1 1 1 1 PA6 0 0 0 0 * * * 1 1 1 1 PA5 0 0 0 0 * * * 1 1 1 1 PA4 0 0 1 1 * * * 0 0 1 1 PA3 0 1 0 1 * * * 0 1 0 1 PA2 X X X X * * * X X X X PA1 X X X X * * * X X X X PA0 X X X X * * * X X X X Block 0 1 2 3 * * * 60 61 62 63
6
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
MAIN MEMORY PAGE PROGRAM THROUGH BUFFER: This operation is a combination of the Buffer Write and Buffer to Main Memory Page Program with Built-in Erase operations. Data is first shifted into the buffer from the SI pin and then programmed into a specified page in the main memory. An 8-bit opcode of 82H is followed by the six reserved bits and 18 address bits. The nine most significant address bits (PA8-PA0) select the page in the main memory where data is to be written, and the next nine address bits (BFA8-BFA0) select the first byte in the buffer to be written. After all address bits are shifted in, the part will take data from the SI pin and store it in the data buffer. If the end of the buffer is reached, the device will wrap around back to the beginning of the buffer. When there is a low-to-high transition on the CS pin, the part will first erase the selected page in main memory to all 1s and then program the data stored in the buffer into the specified page in the main memory. Both the erase and the programming of the page are internally self timed and should take place in a maximum of time tEP. During this time, the status register will indicate that the part is busy.
Additional Commands
MAIN MEMORY PAGE TO BUFFER TRANSFER: A page of data can be transferred from the main memory to buffer. An 8-bit opcode of 53H is followed by the six reserved bits, nine address bits (PA8-PA0) which specify the page in main memory that is to be transferred, and nine don't care bits. The CS pin must be low while toggling the SCK pin to load the opcode, the address bits, and the don't care bits from the SI pin. The transfer of the page of data from the main memory to the buffer will begin when the CS pin transitions from a low to a high state. During the transfer of a page of data (t XFR), the status register can be read to determine whether the transfer has been completed or not. MAIN MEMORY PAGE TO BUFFER COMPARE: A page of data in main memory can be compared to the data in the buffer. An 8-bit opcode of 60H is followed by 24 address bits consisting of the six reserved bits, nine address bits (PA8-PA0) which specify the page in the main memory that is to be compared to the buffer, and nine don't care bits. The loading of the opcode and the address bits is the same as described previously. The CS pin must be low while toggling the SCK pin to load the opcode, the address bits, and the don't care bits from the SI pin. On the low-to-high transition of the CS pin, the 264 bytes in the selected main memory page will be compared with the 264 bytes in the buffer. During this time (tXFR), the status register will indicate that the part is busy. On completion of the compare operation, bit 6 of the status register is updated with the result of the compare. AUTO PAGE REWRITE: This mode is only needed if multiple bytes within a page or multiple pages of data are modified in a random fashion. This mode is a combination of two operations: Main Memory Page to Buffer Transfer and Buffer to Main Memory Page Program with Built-in Erase. A page of data is first transferred from the main memory to the data buffer, and then the same data (from the buffer) is programmed back into its original page of main memory. An 8bit opcode of 58H is followed by the six reserved bits, nine address bits (PA8-PA0) that specify the page in main memory to be rewritten, and nine additional don't care bits. When a lowto-high transition occurs on the CS pin, the part will first transfer data from the page in main memory to the buffer and then program the data from the buffer back into same page of main memory. The operation is internally self-timed and should take place in a maximum time of tEP. During this time, the status register will indicate that the part is busy. If a sector is programmed or reprogrammed sequentially page by page, then the programming algorithm shown in Figure 1 on page 26 is recommended. Otherwise, if multiple bytes in a page or several pages are programmed randomly in a sector, then the programming algorithm shown in Figure 2 on page 27 is recommended. Each page within a sector must be updated/rewritten at least once within every 10,000 cumulative page erase/program operations in that sector.
7
1984J-DFLASH-06/06
Absolute Maximum Ratings*
Temperature under Bias ................................ -55C to +125C Storage Temperature ..................................... -65C to +150C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to VCC + 0.6V *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC and AC Operating Range
AT45DB011B Com. Operating Temperature (Case) Ind. VCC Power Supply
(1)
0C to 70C -40C to 85C 2.7V to 3.6V
Note:
1. After power is applied and VCC is at the minimum specified datasheet value, the system should wait 20 ms before an operational mode is started.
8
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Operation Mode Summary
The modes described can be separated into two groups - modes which make use of the Flash memory array (Group A) and modes which do not make use of the Flash memory array (Group B). Group A modes consist of: 1. Main Memory Page Read 2. Main Memory Page to Buffer Transfer 3. Main Memory Page to Buffer Compare 4. Buffer to Main Memory Page Program with Built-in Erase 5. Buffer to Main Memory Page Program without Built-in Erase 6. Page Erase 7. Block Erase 8. Main Memory Page Program through Buffer 9. Auto Page Rewrite Group B modes consist of: 1. Buffer Read 2. Buffer Write 3. Status Register Read If a Group A mode is in progress (not fully completed), then another mode in Group A should not be started. However, during this time in which a Group A mode is in progress (other than Main Memory Page Read), Status Register Read from Group B can be started. Furthermore, during Page Erase and Block Erase operation in progress from Group A, any of the modes from Group B can be started.
Pin Descriptions
SERIAL INPUT (SI): The SI pin is an input-only pin and is used to shift data into the device. The SI pin is used for all data input, including opcodes and address sequences. SERIAL OUTPUT (SO): The SO pin is an output-only pin and is used to shift data out from the device. SERIAL CLOCK (SCK): The SCK pin is an input-only pin and is used to control the flow of data to and from the DataFlash. Data is always clocked into the device on the rising edge of SCK and clocked out of the device on the falling edge of SCK. CHIP SELECT (CS): The DataFlash is selected when the CS pin is low. When the device is not selected, data will not be accepted on the SI pin, and the SO pin will remain in a highimpedance state. A high-to-low transition on the CS pin is required to start an operation, and a low-to-high transition on the CS pin is required to end an operation. WRITE PROTECT: If the WP pin is held low, the first 256 pages of the main memory cannot be reprogrammed. The only way to reprogram the first 256 pages is to first drive the protect pin high and then use the program commands previously mentioned. If this pin and feature are not utilized it is recommended that the WP pin be driven high externally.
9
1984J-DFLASH-06/06
RESET: A low state on the reset pin (RESET) will terminate the operation in progress and reset the internal state machine to an idle state. The device will remain in the reset condition as long as a low level is present on the RESET pin. Normal operation can resume once the RESET pin is brought back to a high level. The device incorporates an internal power-on reset circuit, so there are no restrictions on the RESET pin during power-on sequences. If this pin and feature are not utilized it is recommended that the RESET pin be driven high externally. READY/BUSY: This open-drain output pin will be driven low when the device is busy in an internally self-timed operation. This pin, which is normally in a high state (through a 1k external pull-up resistor), will be pulled low during programming operations, compare operations, and during page-to-buffer transfers. The busy status indicates that the Flash memory array and one of the buffers cannot be accessed; read and write operations to the other buffer can still be performed.
Power-on/Reset State
When power is first applied to the device, or when recovering from a reset condition, the device will default to SPI Mode 3. In addition, the SO pin will be in a high-impedance state, and a high-to-low transition on the CS pin will be required to start a valid instruction. The SPI mode will be automatically selected on every falling edge of CS by sampling the inactive clock state. After power is applied and VCC is at the minimum datasheet value, the system should wait 20 ms before an operational mode is started. DataFlash is controlled by the Serial Clock (SCK) and Chip Select (CS) pins. These signals must rise and fall monotonically and be free from noise. Excessive noise or ringing on these pins can be misinterpreted as multiple edges and cause improper operation of the device. The PC board traces must be kept to a minimum distance or appropriately terminated. If necessary, decoupling capacitors can be added on these pins to provide filtering against noise glitches. As system complexity continues to increase, voltage regulation is becoming more important. A key element of any voltage regulation scheme is its current sourcing capability. Like all Flash memories, the peak currents for DataFlash occur during the programming and erase operations. The peak current during programming or erase of a DataFlash is 70 mA to 80 mA. The regulator needs to supply this peak current requirement. An under specified regulator can cause current starvation. Besides increasing system noise, current starvation during programming or erase can lead to improper operation and possible data corruption.
System Considerations
10
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Table 1. Read Commands
Command Continuous Array Read SPI Mode 0 or 3 Inactive Clock Polarity Low or High Main Memory Page Read SPI Mode 0 or 3 Inactive Clock Polarity Low or High Buffer Read SPI Mode 0 or 3 Inactive Clock Polarity Low or High Status Register Read SPI Mode 0 or 3 D7H D4H 57H D2H 54H E8H 52H SCK Mode Inactive Clock Polarity Low or High Opcode 68H
Table 2. Program and Erase Commands
Command Buffer Write Buffer to Main Memory Page Program with Built-in Erase Buffer to Main Memory Page Program without Built-in Erase Page Erase Block Erase Main Memory Page Program through Buffer SCK Mode Any Any Any Any Any Any Opcode 84H 83H 88H 81H 50H 82H
Table 3. Additional Commands
Command Main Memory Page to Buffer Transfer Main Memory Page to Buffer Compare Auto Page Rewrite through Buffer Note: SCK Mode Any Any Any Opcode 53H 60H 58H
In Tables 2 and 3, an SCK mode designation of "Any" denotes any one of the four modes of operation (Inactive Clock Polarity Low, Inactive Clock Polarity High, SPI Mode 0, or SPI Mode 3).
11
1984J-DFLASH-06/06
Table 4. Detailed Bit-level Addressing Sequence
Address Byte Reserved Reserved Reserved Reserved Reserved Reserved Address Byte Address Byte Additional Don't Care Bytes Required N/A 4 Bytes N/A 1 Byte N/A x x B x B x B x B B x x B x B x B x B B x x B x B x B x B B N/A N/A 4 Bytes N/A N/A N/A N/A N/A 4 Bytes 1 Byte N/A B B B 4 Bytes
BA8
BA7
BA5
BA3
BA2
BA6
BA4
BA1 x B x B
Opcode 50H 52H 53H 54H 57H 58H 60H 68H 81H 82H 83H 84H 88H D2H D4H D7H E8H
Opcode 01010000 01010010 01010011 01010100 01010111 01011000 01100000 01101000 10000001 10000010 10000011 10000100 10001000 11010010 11010100 11010111 11101000
r r r x
r r r x
r r r x
r r r x
r r r x
r r r x
P P P x
P P P x
P P P x
P P P x
P P P x
P P P x
x P P x
x P P x
x P P x
x B x B
x B x B
x B x B
x B x B
x B x B
x B x B
x B x B
N/A r r r r r r x r r x r r r r r r x r r x r r r r r r x r r x r r r r r r x r r x r r r r r r x r r x r r r r r r x r r x P P P P P P x P P x P P P P P P x P P x P P P P P P x P P x P P P P P P x P P x P P P P P P x P P x
N/A P P P P P P x P P x P P P P P P x P P x P P P P P P x P P x P P P P P P x P P x x x B x B x B x B B x x B x B x B x B B x x B x B x B x B B x x B x B x B x B B
N/A x x B x B x B x B B x x B x B x B x B B
N/A r r r r r r P P P P P
N/A P P P P B B B B
N/A B B
Note:
r = Reserved Bit P = Page Address Bit B = Byte/Buffer Address Bit x = Don't Care
12
AT45DB011B
BA0 x B x B
PA7
PA5
PA4
PA8
PA6
PA3
PA2
PA1
PA0
AT45DB011B
DC Characteristics
Symbol ISB ICC1(1) ICC2 ILI ILO VIL VIH VOL VOH Parameter Standby Current Active Current, Read Operation Active Current, Program/Erase Operation Input Load Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage IOL = 1.6 mA; VCC = 2.7V IOH = -100 A VCC - 0.2V 2.0 0.4 Condition CS, RESET, WP = VIH, all inputs at CMOS levels f = 20 MHz; IOUT = 0 mA; VCC = 3.6V VCC = 3.6V VIN = CMOS levels VI/O = CMOS levels Min Typ 2 4 10 Max 10 10 25 1 1 0.6 Units A mA mA A A V V V V
Note:
1. Icc1 during a buffer read is 20mA maximum.
AC Characteristics
Symbol fSCK fCAR tWH tWL tCS tCSS tCSH tCSB tSU tH tHO tDIS tV tXFR tEP tP tPE tBE tRST tREC Parameter SCK Frequency SCK Frequency for Continuous Array Read SCK High Time SCK Low Time Minimum CS High Time CS Setup Time CS Hold Time CS High to RDY/BUSY Low Data In Setup Time Data In Hold Time Output Hold Time Output Disable Time Output Valid Page to Buffer Transfer/Compare Time Page Erase and Programming Time Page Programming Time Page Erase Time Block Erase Time RESET Pulse Width RESET Recovery Time 10 1 120 10 7 6 7 5 10 0 18 20 200 20 15 10 15 22 22 250 250 250 200 Min Typ Max 20 20 Units MHz MHz ns ns ns ns ns ns ns ns ns ns ns s ms ms ms ms s s
13
1984J-DFLASH-06/06
Input Test Waveforms and Measurement Levels
AC DRIVING LEVELS 2.4V 2.0 0.8 0.45V AC MEASUREMENT LEVEL
tR, tF < 3 ns (10% to 90%)
Output Test Load
DEVICE UNDER TEST 30 pF
AC Waveforms
Two different timing diagrams are shown below. Waveform 1 shows the SCK signal being low when CS makes a high-to-low transition, and Waveform 2 shows the SCK signal being high when CS makes a high-to-low transition. Both waveforms show valid timing diagrams. The setup and hold times for the SI signal are referenced to the low-to-high transition on the SCK signal. Waveform 1 shows timing that is also compatible with SPI Mode 0, and Waveform 2 shows timing that is compatible with SPI Mode 3.
Waveform 1 - Inactive Clock Polarity Low and SPI Mode 0
tCS CS tCSS SCK tV SO HIGH IMPEDANCE tSU SI VALID IN tH tHO VALID OUT tDIS HIGH IMPEDANCE tWH tWL tCSH
Waveform 2 - Inactive Clock Polarity High and SPI Mode 3
tCS CS tCSS SCK tV SO HIGH Z tSU SI VALID IN tHO VALID OUT tH tDIS HIGH IMPEDANCE tWL tWH tCSH
14
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Reset Timing (Inactive Clock Polarity Low Shown)
CS
tREC tCSS
SCK
tRST
RESET
HIGH IMPEDANCE HIGH IMPEDANCE
SO SI
Note: The CS signal should be in the high state before the RESET signal is deasserted.
Command Sequence for Read/Write Operations (Except Status Register Read)
SI CMD 8 bits 8 bits 8 bits
MSB
rrrr
r r XX
XXXX XXXX Page Address (PA8-PA0)
XXXX XXXX
LSB
Reserved for larger densities
Notes:
Byte/Buffer Address (BA8-BA0/BFA8-BFA0)
1. "r" designates bits reserved for larger densities. 2. It is recommended that "r" be a logical "0". 3. For densities larger than 1M bit, the "r" bits become the most significant Page Address bit for the appropriate density.
15
1984J-DFLASH-06/06
Write Operations
The following block diagram and waveforms illustrate the various write sequences available.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
BUFFER TO MAIN MEMORY PAGE PROGRAM
BUFFER (264 BYTES)
BUFFER WRITE MAIN MEMORY PAGE PROGRAM THROUGH BUFFER
I/O INTERFACE
SI
Main Memory Page Program through Buffer
* Completes writing into buffer * Starts self-timed erase/program operation
CS SI
CMD r ***r , PA8-7
PA6-0, BFA8
BFA7-0
n
n+1
Last Byte
Buffer Write
* Completes writing into buffer
CS SI
CMD X
X***X, BFA8 BFA7-0
n
n+1
Last Byte
Buffer to Main Memory Page Program (Data from Buffer Programmed into Flash Page)
Starts self-timed erase/program operation
CS SI
CMD r ***r , PA8-7 PA6-0, X X
Each transition represents 8 bits and 8 clock cycles
n = 1st byte written n+1 = 2nd byte written
16
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Read Operations
The following block diagram and waveforms illustrate the various read sequences available.
FLASH MEMORY ARRAY
PAGE (264 BYTES)
MAIN MEMORY PAGE TO BUFFER
BUFFER (264 BYTES)
BUFFER READ
MAIN MEMORY PAGE READ
I/O INTERFACE
SO
Main Memory Page Read
CS SI SO
CMD r ***r , PA8-7 PA6-0, BA8 BA7-0 X X X X n n+1
Main Memory Page to Buffer Transfer (Data from Flash Page Read into Buffer)
Starts reading page data into buffer
CS SI SO
CMD r ***r , PA8-7 PA6-0, X X
Buffer Read
CS SI SO
CMD X
X***X, BFA8 BFA7-0
X n n+1
Each transition represents 8 bits and 8 clock cycles
n = 1st byte read n+1 = 2nd byte read
17
1984J-DFLASH-06/06
Detailed Bit-level Read Timing - Inactive Clock Polarity Low
Continuous Array Read (Opcode: 68H)
CS
SCK tSU SI
1
2
63
64
65
66
67
68
0
1
X
X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 D6 D5 D2 D1
LSB D0
MSB D7 D6 D5
BIT 2111 OF PAGE n
BIT 0 OF PAGE n+1
Main Memory Page Read (Opcode: 52H)
CS
SCK tSU
1
2
3
4
5
60
61
62
63
64
65
66
67
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 MSB D6 D5
18
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Detailed Bit-level Read Timing - Inactive Clock Polarity Low (Continued)
Buffer Read (Opcode: 54H)
CS
SCK tSU
1
2
3
4
5
36
37
38
39
40
41
42
43
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 MSB D6 D5
Status Register Read (Opcode: 57H)
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
16
17
COMMAND OPCODE SI
0 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB
STATUS REGISTER OUTPUT
D6 D5 D1 D0 LSB D7 MSB
19
1984J-DFLASH-06/06
Detailed Bit-level Read Timing - Inactive Clock Polarity High
Continuous Array Read (Opcode: 68H)
CS
SCK tSU SI
1
2
63
64
65
66
67
0
1
X
X
X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 D6 D5 D2 D1
LSB D0
MSB D7 D6 D5
BIT 2111 OF PAGE n
BIT 0 OF PAGE n+1
Main Memory Page Read (Opcode: 52H)
CS
SCK tSU
1
2
3
4
5
61
62
63
64
65
66
67
68
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
20
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Detailed Bit-level Read Timing - Inactive Clock Polarity High (Continued)
Buffer Read (Opcode: 54H)
CS
SCK tSU
1
2
3
4
5
37
38
39
40
41
42
43
44
COMMAND OPCODE SI
0 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
Status Register Read (Opcode: 57H)
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
17
18
COMMAND OPCODE SI
0 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB
STATUS REGISTER OUTPUT
D6 D5 D4 D0 LSB D7 MSB D6
21
1984J-DFLASH-06/06
Detailed Bit-level Read Timing - SPI Mode 0
Continuous Array Read (Opcode: E8H)
CS
SCK tSU SI
1
2
62
63
64
65
66
67
1
1
X
X
X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 D6 D5 D2 D1
LSB D0
MSB D7 D6 D5
BIT 2111 OF PAGE n
BIT 0 OF PAGE n+1
Main Memory Page Read (Opcode: D2H)
CS
SCK tSU
1
2
3
4
5
60
61
62
63
64
65
66
67
COMMAND OPCODE SI
1 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
22
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Detailed Bit-level Read Timing - SPI Mode 0 (Continued)
Buffer Read (Opcode: D4H)
CS
SCK tSU
1
2
3
4
5
36
37
38
39
40
41
42
43
COMMAND OPCODE SI
1 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
Status Register Read (Opcode: D7H)
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
16
17
COMMAND OPCODE SI
1 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB D6
STATUS REGISTER OUTPUT
D5 D4 D1 D0 LSB D7 MSB
23
1984J-DFLASH-06/06
Detailed Bit-level Read Timing - SPI Mode 3
Continuous Array Read (Opcode: E8H)
CS
SCK tSU SI
1
2
63
64
65
66
67
1
1
X
X
X
tV SO HIGH-IMPEDANCE
DATA OUT
D7 D6 D5 D2 D1
LSB D0
MSB D7 D6 D5
BIT 2111 OF PAGE n
BIT 0 OF PAGE n+1
Main Memory Page Read (Opcode: D2H)
CS
SCK tSU
1
2
3
4
5
61
62
63
64
65
66
67
68
COMMAND OPCODE SI
1 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
24
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Detailed Bit-level Read Timing - SPI Mode 3 (Continued)
Buffer Read (Opcode: D4H)
CS
SCK tSU
1
2
3
4
5
37
38
39
40
41
42
43
44
COMMAND OPCODE SI
1 1 0 1 0 X X X X X
tV SO HIGH-IMPEDANCE
D7 MSB
DATA OUT
D6 D5 D4
Status Register Read (Opcode: D7H)
CS
SCK tSU
1
2
3
4
5
6
7
8
9
10
11
12
17
18
COMMAND OPCODE SI
1 1 0 1 0 1 1 1
tV SO HIGH-IMPEDANCE
D7 MSB
STATUS REGISTER OUTPUT
D6 D5 D4 D0 LSB D7 MSB D6
25
1984J-DFLASH-06/06
Figure 1. Algorithm for Sequentially Programming or Reprogramming the Entire Array
START provide address and data
BUFFER WRITE (84H) MAIN MEMORY PAGE PROGRAM (82H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H)
END
Notes:
1. This type of algorithm is used for applications in which the entire array is programmed sequentially, filling the array page-bypage. 2. A page can be written using either a Main Memory Page Program operation or a Buffer Write operation followed by a Buffer to Main Memory Page Program operation. 3. The algorithm above shows the programming of a single page. The algorithm will be repeated sequentially for each page within the entire array.
26
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Figure 2. Algorithm for Randomly Modifying Data
START provide address of page to modify MAIN MEMORY PAGE to BUFFER TRANSFER (53H) If planning to modify multiple bytes currently stored within a page of the Flash array
BUFFER WRITE (84H)
MAIN MEMORY PAGE PROGRAM (82H) BUFFER to MAIN MEMORY PAGE PROGRAM (83H)
Auto Page Rewrite (58H)
(2)
INCREMENT PAGE (2) ADDRESS POINTER
END
Notes:
1. To preserve data integrity, each page of a DataFlash sector must be updated/rewritten at least once within every 10,000 cumulative page erase/program operations within that sector. 2. A Page Address Pointer must be maintained to indicate which page is to be rewritten. The Auto Page Rewrite command must use the address specified by the Page Address Pointer. 3. Other algorithms can be used to rewrite portions of the Flash array. Low-power applications may choose to wait until 10,000 cumulative page erase/program operations have accumulated before rewriting all pages of the sector. See application note AN-4 ("Using Atmel's Serial DataFlash") for more details.
Sector Addressing
PA8 0 0 1 PA7 0 X X PA6 0 X X PA5 0 X X PA4 0 X X PA3 0 X X PA2 - PA0 X X X Sector 0 1 2
27
1984J-DFLASH-06/06
Ordering Information
fSCK (MHz) 20 ICC (mA) Active 10 Standby 0.01 Ordering Code AT45DB011B-CC AT45DB011B-SC AT45DB011B-XC(1) AT45DB011B-CI(1) AT45DB011B-SI AT45DB011B-XI(1)
(1)
Package 9C1 8S2 14X 9C1 8S2 14X
Operation Range Commercial (0C to 70C) Industrial (-40C to 85C)
20 Note:
10
0.01
1. These packages are not recommended for new designs.
Green Package Options (Pb/Halide-free/RoHS Compliant)
fSCK (MHz) 20 Notes: ICC (mA) Active 10 Standby 0.01 Ordering Code AT45DB011B-SU AT45DB011B-XU(1) Package 8S2 14X Operation Range Industrial (-40C to 85C)
1. This package is not recommended for new designs. 2. Green Packages cover lead-free requirements.
Package Type 9C1 8S2 14X 9-ball (3 x 3 Array), 1.0 mm Pitch, 5 x 5 mm Plastic Chip-scale Ball Grid Array Package (CBGA) 8-lead, 0.210" Wide, Plastic Gull Wing Small Outline (EIAJ SOIC) 14-lead, 0.170" Wide, Plastic Thin Shrink Small Outline Package (TSSOP)
28
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
Packaging Information
9C1 - CBGA
Dimensions in Millimeters and (Inches). Controlling dimension: Millimeters.
5.10(0.201) 4.90(0.193)
A1 ID
5.10(0.201) 4.90(0.193)
SIDE VIEW
TOP VIEW
1.20(0.047)MAX
0.25(0.010)MIN
1.50(0.059) REF
3 2 1
2.0 (0.079) 1.50(0.059) REF
A
B
2.0 (0.079)
1.00 (0.0394) BSC NON-ACCUMULATIVE
C
1.00 (0.0394) BSC NON-ACCUMULATIVE
0.40 (0.016) DIA BALL TYP
BOTTOM VIEW
04/11/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 9C1, 9-ball (3 x 3 Array), 5 x 5 x 1.2 mm Body, 1.0 mm Ball Pitch Chip-scale Ball Grid Array Package (CBGA) DRAWING NO. 9C1 REV. A
R
29
1984J-DFLASH-06/06
8S2 - EIAJ SOIC
C
1
E
E1
L
N
TOP VIEW
END VIEW
e A
SYMBOL
b
COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM MAX NOTE
A1
A A1 b C
1.70 0.05 0.35 0.15 5.13 5.18 7.70 0.51 0 1.27 BSC
2.16 0.25 0.48 0.35 5.35 5.40 8.26 0.85 8 4 2, 3 5 5
D
D E1 E
SIDE VIEW
Notes: 1. 2. 3. 4. 5.
L e
This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information. Mismatch of the upper and lower dies and resin burrs are not included. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded. Determines the true geometric position. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
4/7/06 TITLE 8S2, 8-lead, 0.209" Body, Plastic Small Outline Package (EIAJ) DRAWING NO. 8S2 REV. D
R
2325 Orchard Parkway San Jose, CA 95131
30
AT45DB011B
1984J-DFLASH-06/06
AT45DB011B
14X - TSSOP
Dimensions in Millimeters and (Inches). Controlling dimension: Millimeters. JEDEC Standard MO-153 AB-1.
INDEX MARK
PIN 1
4.50 (0.177) 6.50 (0.256) 4.30 (0.169) 6.25 (0.246)
5.10 (0.201) 4.90 (0.193)
1.20 (0.047) MAX
0.65 (.0256) BSC 0.30 (0.012) 0.19 (0.007)
0.15 (0.006) 0.05 (0.002)
SEATING PLANE
0~ 8
0.20 (0.008) 0.09 (0.004)
0.75 (0.030) 0.45 (0.018)
05/16/01 2325 Orchard Parkway San Jose, CA 95131 TITLE 14X (Formerly "14T"), 14-lead (4.4 mm Body) Thin Shrink Small Outline Package (TSSOP) DRAWING NO. 14X REV. B
R
31
1984J-DFLASH-06/06
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2006 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are(R), DataFlash (R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
Printed on recycled paper.
1984J-DFLASH-06/06 /xM


▲Up To Search▲   

 
Price & Availability of AT45DB011B06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X